Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download SC20A-5S33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC20A SERIES
HDLV Family
Description
The SC20A is a low-cost, 20-Amp, non-isolated DC-DC converter with an amazingly small footprint of only 0.8 in2. Designed for today's high power microprocessors, the SC20A accepts either 5 V or 3.3 V inputs and offers outputs from 1.3 V to 3.3 V. The SC20A also uses an industrystandard pin-out making it easy to increase power in existing designs. Using Bourns Switch Power's proprietary V2TM architecture, the SC20A provides ultrafast transient response, improved line and load regulation, and very high efficiency. It also incorporates short-circuit protection, Enable / Disable control, output voltage trim, and remote sense.
Features
* Low Cost * 20-Amp Output Current * 90 % Efficiency * Industry-standard Pin-out * Low 0.6 " Profile * Nonisolated Output * Remote Sense * Trim Function * Enable / Disable * Short-circuit Protection with auto-restart * Fast Transient Response * High-temperature Operation * Output Precharge Capability Input Voltage Current Control Voltage High = Disable Low = Enable E/D Current
Common Specifications
Min 4.5 3.0 Nom 5 3.3 Max 5.5 3.6 20 Units Vdc Vdc A Vdc Vdc mA
Notes 4.75 Vin Startup
2.4 0.4 1
Source 500 mA Open=Enable
Output Current Voltage Setpoint Accuracy Voltage Trim Range Line Regulation Load Regulation Current Limit Dynamic Response 0 to 20 A load 20 to 0 A load Temperature Regulation
-10 0.1 0.3 25 200 19 200 19
20 2 +10
22
34
A %Vnom %Vnom %Vnom %Vnom A
mV i/t = 3 A/s s mV i/t = 3 A/s s 0.02 %Vout/C
Patents 5,770,940 5,978,195 6,127,814
General MTBF Operating Temperature Storage Temperature Switching Frequency
1,000 -25 -40 -40 200 85 85 125 400
300
kHrs C C C kHz
Bellcore TR332, 25 C optional
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +41-41 768 5555 * FAX +41-41 768 5510 The Americas: TEL +1-951 781 5500 * FAX +1-951 781-5700
Reliable Electronic Solutions
www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SC20A SERIES
Electrical Specifications
Nominal Output Output Input Voltage Current (V) (V) (A) SC20A-5S3.3 SC20A-5S2.5 SC20A-5S1.9 SC20A-5S1.8 SC20A-5S1.5 SC20A-3S2.5 SC20A-3S1.9 SC20A-3S1.8 SC20A-3S1.5 5 5 5 5 5 3.3 3.3 3.3 3.3 3.3 2.5 1.9 1.8 1.5 2.5 1.9 1.8 1.5 20 20 20 20 20 20 20 20 20 Short-circuit Current (A) typ 27 27 27 27 27 27 27 27 27 Noise (mV pp) typ 100 100 100 100 100 100 100 100 100
HDLV Family
Efficiency (%) typ
89
92
Standard Options
Add option designators to the end of the part number. Example; SC20A-5S3.3-B Option Description B No Remote Sense option removes sense pin F 1 % Setpoint Accuracy Z -40 C Operation X Modified pin length followed by three digits (in mils)
0.83 (21.08) 0.45 (11.43) 0.123 (3.12) 3.00 (76.2) 0.60 (15.24) 1234 5 0.24 (6.1) 0.65 (16.51) 0.100 (2.54) 1.400 (35.56) 1.800 (45.72) 0.012 (0.30) typ pin thickness inches (mm) 0.xx 0.01 inches 0.xxx 0.005 inches 6 7 8 910 0.135 0.015 (3.43 0.38) 0.020 (0.51) typ pin width Description Ground Vin Trim Enable Remote Sense - 3 10 Enable 9 Trim 5 6 Vin 7 - Vin 100 f/10 V 8 - Vin SC20A Vout - 1 Vout - 2 Vout - 4 Vout 100 f 10 V
0.37 max (9.4 max)
Pin Pin Description 5,6 1,2,4 Vout 7,8 3 Remote Sense (Removed for B option) 9 10
Note: Component placement may change. Recommended keep-out area equals maximum length and width. Trim Up Trim Rup Gnd Trim Down Vout Rdown
All outputs other than 1.5 V Vnom 8.09 Rup = -22 (in k) Vout - Vnom Trim up when Vnom = 1.5 V 3.176 -10 (in k) Vout - Vnom
All outputs other than 1.5 V Vnom 6.04 Vout-8.09 -22 (in k) Rdown = Vnom - Vout Trim down when Vnom = 1.5V 2.37 Vout-3.176 -10 (in k) Vnom - Vout REV. 01/05
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Rup =
Rdown =


▲Up To Search▲   

 
Price & Availability of SC20A-5S33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X